Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BATCW Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Numer części BATCW
Szczegółowy opis  SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Strona internetowa  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BATCW Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BATCW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BATCW Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BATCW Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
2.30±0.05
1.25±0.05
BAT54W/AW/CW/SW
SCHOTTKY DIODE
FEATURES
Power dissipation
PD :
200 mW(Tamb=25℃)
Collector current
IF:
200 mA
Collector-base voltage
VR:
30 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃ 
BAT54W Marking: KL5
BAT54AW Marking: KL6
BAT54CW Marking: KL7
BAT54SW Marking: KL8
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR) R
IR= 100µA
30
V
Reverse voltage leakage current
IR
VR=25V
2
µA
Forward voltage
VF
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
240
320
400
500
1000
mV
Diode capacitance
CD
VR=1V
f=1MHz
10
pF
Reveres recovery time
trr
IF=10mA through IR=10mA
to
IR=1mA
RL=100Ω
5
nS
Unit : mm
SOT-323
 
 
 
BAT54W/AW/CW/SW
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Podobny numer części - BATCW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BATC ETC2-BATC Datasheet
112Kb / 2P
   SCHOTTKY DIODES
More results

Podobny opis - BATCW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com