Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ673 Arkusz danych(PDF) 7 Page - Renesas Technology Corp

Numer części 2SJ673
Szczegółowy opis  SWITCHING P-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ673 Arkusz danych(HTML) 7 Page - Renesas Technology Corp

Back Button 2SJ673_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ673_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D17210EJ1V0DS
5
2SJ673
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
10
20
30
40
50
-50
0
50
100
150
ID =
−18 A
Pulsed
VGS =
−4.0 V
−4.5 V
−10 V
Tch - Channel Temperature - °C
-0.001
-0.01
-0.1
-1
-10
-100
-1000
0
-0.5
-1
-1.5
-2
Pulsed
0 V
VGS =
−10 V
−4 V
VF(S-D) - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
SWITCHING CHARACTERISTICS
100
1000
10000
100000
-0.1
-1
-10
-100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
1
10
100
1000
-0.1
-1
-10
-100
VDD =
−30 V
VGS =
−10 V
RG = 0
td(off)
td(on)
tf
tr
ID - Drain Current - A
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
0
5
10
15
20
25
30
35
40
45
50
55
60
0
2040
6080
100
0
1
2
3
4
5
6
7
8
9
10
11
12
ID =
−25 A
VDS
VGS
VDD =
−48 V
−30 V
−12 V
QG - Gate Charge - nC
1
10
100
1000
0.1
1
10
100
di/dt = 100 A/
µs
VGS = 0 V
IF - Diode Forward Current - A


Podobny numer części - 2SJ673_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SJ673 RENESAS-2SJ673 Datasheet
288Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

Podobny opis - 2SJ673_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com