Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1060CT Arkusz danych(PDF) 1 Page - Compact Technology Corp.

Numer części SB1060CT
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTC [Compact Technology Corp.]
Strona internetowa  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SB1060CT Arkusz danych(HTML) 1 Page - Compact Technology Corp.

  SB1060CT Datasheet HTML 1Page - Compact Technology Corp. SB1060CT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB1020CT thru SB10100CT
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : TO-220AB molded plastic
Polarity : Color band denotes cathode
Weight : 1.9 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to 100 Volts
FORWARD CURRENT - 10.0 Amperes
TO-220AB
Epitaxial construction
1/2
SB1020CT thru SB10100CT
.189(4.82)
.173(4.4)
.403(10.26)
.385(9.8)
.251(6.4)
.228(5.8)
.114(2.92)
.080(2.05)
.101(2.59)
.098(2.49)
.388(9.87)
.250(6.35)
.624(15.87)
.578(14.7)
.153(3.9)
.145(3.7)


Podobny numer części - SB1060CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB1060CT PANJIT-SB1060CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
SUNMATE electronic Co.,...
SB1060CT SUNMATE-SB1060CT Datasheet
565Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1060CT WTE-SB1060CT Datasheet
40Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1060CT WTE-SB1060CT Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1060CT PANJIT-SB1060CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB1060CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com