Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1001-QK Arkusz danych(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Numer części XX1001-QK
Szczegółowy opis  Doubler and Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1001-QK Arkusz danych(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XX1001-QK_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Doubler and Power Amplifier
18.0-21.0/36.0-42.0 GHz
XX1001-QK
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Electrical Specifications: 18-21 GHz (fin) (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Output Frequency Range (fout)
GHz
36.0
-
42.0
Input Return Loss (S11)
dB
-
TBD
-
Output Return Loss (S22)
dB
-
12.0
-
Fundamental Rejection
dBc
-
50.0
-
RF Input Power (RF Pin)
dBm
-
0.0
-
Output Power at 0.0 dBm Pin (Pout)
dBm
-
+26.0
-
Drain Supply Voltage (Vd1) Doubler
V
-
2.5
3.0
Drain Supply Voltage (Vd2) Buffer Amplifier
V
-
3.0
4.0
Drain Supply Voltage (Vd3,4,5,6) Power Amplifier
V
-
4.5
5.5
Gate Supply Voltage (Vg1) Doubler
V
-
-1.2
-
Drain Supply Current (Id1) Doubler
mA
-
<1.0
-
Drain Supply Current (Id2) Buffer Amplifier
mA
-
20
25
Drain Supply Current (Id3,4,5,6) (Vg=-0.7V Typical) Power Amplifier
mA
-
530
600


Podobny numer części - XX1001-QK_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1001-QK-0L00 MIMIX-XX1001-QK-0L00 Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L00 MIMIX-XX1001-QK-0L00 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
logo
M/A-COM Technology Solu...
XX1001-QK-0N00 MA-COM-XX1001-QK-0N00 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
More results

Podobny opis - XX1001-QK_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001 MA-COM-XX1001 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
   Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com