Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRA736E Arkusz danych(PDF) 3 Page - KEC(Korea Electronics)

Numer części KRA736E
Szczegółowy opis  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA736E Arkusz danych(HTML) 3 Page - KEC(Korea Electronics)

  KRA736E Datasheet HTML 1Page - KEC(Korea Electronics) KRA736E Datasheet HTML 2Page - KEC(Korea Electronics) KRA736E Datasheet HTML 3Page - KEC(Korea Electronics) KRA736E Datasheet HTML 4Page - KEC(Korea Electronics) KRA736E Datasheet HTML 5Page - KEC(Korea Electronics) KRA736E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2002. 7. 9
3/6
KRA736E~KRA742E
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-1
-3
-0.3
O
I(ON)
-10
-0.5
-1
-3
-5
-10
-30
-50
-100
KRA736E
V =-0.2V
O
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=100 C
-0.3
INPUT ON VOLTAGE V
(V)
-10
-0.1
-0.5
-0.3
-1
-3
-5
-100
-50
-30
KRA737E
V =-0.2V
O
-1
I(ON)
-3
Ta=-25 C
Ta=25 C
-10
I
- V
O
I(ON)
-0.1
INPUT OFF VOLTAGE V
(V)
0
-50
-30
-100
-1k
-300
-500
-3k
KRA736E
I(OFF)
I
- V
O
I(OFF)
V =-5V
O
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
V =-5V
-3.0
-1.0
0
-30
-100
-50
-0.5
-2.0
-1.5
-2.5
O
-300
-1k
-500
-3k
KRA737E
OUTPUT CURRENT I
(mA)
KRA736E
O
G - I
I
O
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G - I
I
O
100
10
-1
-3
200
-10
-30
-100
30
50
V =-5V
O
Ta=100
C
Ta=-25
C
Ta=25
C
-3
-1
2
5
10
50
30
100
KRA737E
V =-5V
O
-10
-30
-100
Ta=100
C
Ta=25 C
Ta=-25 C


Podobny numer części - KRA736E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRA736U KEC-KRA736U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Podobny opis - KRA736E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com