Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD166105GS Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części PD166105GS
Szczegółowy opis  MOS INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD166105GS Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  PD166105GS_15 Datasheet HTML 1Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 2Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 3Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 4Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 5Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 6Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 7Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 8Page - Renesas Technology Corp PD166105GS_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PD166105GS
R07DS0604EJ0100 Rev.1.00
Page 4 of 15
Jan 19, 2012
Electrical Characteristics
(VCC = 5 to 18 V, Tch = –40 to +175°C, unless otherwise specified)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Condition
High level input voltage
VIH
3.0
V
Rin = 1 k
, V
DS = 0.3 V, IO = 1.4 A
Low level input voltage
VIL
1.5
V
Rin = 1 k
, V
DS = 20 V, IO = 1 mA
High level input current
IIH
300
A
VIN = 5.5 V, VDS = 0 V
Low level input current
IIL
–10
+10
A
VIN = 0 V, VDS = 20 V
ICC1
10
mA/ch
VIN = 16 V, ON condition
Power supply current
ICC2
10
mA/ch
VIN = 16 V, OFF condition
RDS(ON)1
64
91
m
IO = 1.4 A, Tch = 25°C, VIN = VIH,
VCC = 16 V
Output on-state resistance
RDS(ON)2
117
207
m
IO = 1.4 A, Tch = 175°C, VIN = VIH,
VCC = 16 V
Turn on time
ton
3.5
35
s
Rise time
tr
35
s
VIN = 0  5 V, Rin = 1 k, RL = 8 ,
VCC = 12 V, Tch = 0 to 175°C
Turn off time
toff
30
s
Fall time
tf
15
s
VIN = 5  0 V, Rin = 1 k, RL = 8 ,
VCC = 12 V, Tch = 0 to 175°C
Output leakage current
IDSS
350
A
VIN = 0 V, VDS = 18 V
Clamp voltage
VOUT
100
130
V
IO = 10 mA, Tch = 25°C, VIN = 0 V
Temperature characteristics
of clamp voltage
V
Z
130
mV/°C
IO = 1.4 A, VIN = VIL, L = 1 mH
Overtemperature detection
temperature
THI
175
°C
VIN = 5 V, VCC = 6 to 18 V
Current limitation
ILIM
1.7
A
Flyback detection voltage
VFB
33
83
V
DIAG response time
tDIAG
0
5
s
IO = 1.4 A, L = 1 mH, VDIAG = 5 V,
RDIAG = 51 k
RDIAG(ON)1
0.83
k
VCC = 16 V, IODIAG = 2.4 mA
DIAG on-state resistance
RDIAG(ON)2
1.54
k
VCC = 6 V, IODIAG = 1.3 mA
1.4
3.0
A
VDIAG = 5 V, Tch = 25°C
DIAG output leakage
current
IDIAGLEAK
40
60
A
VDIAG = 5 V, Tch = 175°C


Podobny numer części - PD166105GS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD166105GS-E1-AY RENESAS-PD166105GS-E1-AY Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
PD166105GS-E2-AY RENESAS-PD166105GS-E2-AY Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
More results

Podobny opis - PD166105GS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com