Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP82NSATD Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części TLP82NSATD
Szczegółowy opis  Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP82NSATD Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP82NSATD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP82NSATD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP82NSATD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Protect It! 230V Surge Protector with 8 Schuko Type
F Outlets, German Plug, 2280 Joules, Tel/Coax
Protection
MODEL NUMBER: TLP82NSATD
Description
Tripp Lite's Protect It!™ TLP82NSATD offers economical AC surge suppression for full protection of 220-250V home computers, printers, scanners, and desk
lamps. The TLP82NSATD offers 8 Schuko type F outets and a 2 meter AC line cord. Internal safety covers protect against accidental contact with unused
outlets.
Features
Protect It!™ TLP82NSATD offers economical AC surge supression
2280 joules AC surge suppression shields equipment from surges and line noise
8 Schuko outlets protects computers and peripherals
2 m cord with German plug
Lighted ON/OFF switch with circuit breaker
Protected/Grounded LED's
Network Protection
Coax Protection
Aerial Adapters
Internal safety covers protect against accidental contact with unused outlets
Specifications
OUTPUT
Output Receptacles
(8) Schuko Type F
Output (Watts)
2500
Circuit Breaker (amps)
10
Highlights
8 safety outlets
2 m cord
Network protection
1 Line coax protection
Protected/Grounded LED's
2280 joule rating
Applications
Ideal for home computers, printers,
scanners, and desk lamps.
Package Includes
TLP82NSATD surge suppressor
1.8 aerial cable and 2 aerial
adapters
1.8 m gold coax cable
1.8 m network cable
Instruction manual and warranty
information
1 / 3


Podobny numer części - TLP82NSATD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
More results

Podobny opis - TLP82NSATD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
   Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
   Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
   Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
   Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP6G18USB TRIPPLITE-TLP6G18USB Datasheet
164Kb / 4P
   6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com