Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP82NSATD Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części TLP82NSATD
Szczegółowy opis  Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP82NSATD Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP82NSATD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP82NSATD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP82NSATD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transformer Accommodation
5
USB Charging
No
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Maximum Input Amps
10
Input Connection Type
German
Input Cord Length (ft.)
6
Input Cord Length (m)
2
Voltage Compatibility (VAC)
220-250
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
Protected and Grounded
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
2280
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Cable (Coax) Protection
Yes
Cable (Coax) Protection Details
1 line
Network (Ethernet) Protection
Yes
Network (Ethernet) Protection Details
1 line
PHYSICAL
Shipping Dimensions (hwd / in.)
14.80 x 7.80 x 2.18
Shipping Dimensions (hwd / cm)
37.59 x 19.81 x 5.54
Shipping Weight (lbs.)
2.50
Shipping Weight (kg)
1.13
Unit Dimensions (hwd / in.)
12.44 x 4.61 x 1.93
Unit Dimensions (hwd / cm)
31.60 x 11.71 x 4.90
Unit Weight (lbs.)
2.3
Unit Weight (kg)
1.04
Housing Color
Black
Receptacle Color
Black
2 / 3


Podobny numer części - TLP82NSATD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
More results

Podobny opis - TLP82NSATD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
   Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
   Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
   Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
   Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP6G18USB TRIPPLITE-TLP6G18USB Datasheet
164Kb / 4P
   6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com