Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRX201E Arkusz danych(PDF) 2 Page - KEC(Korea Electronics)

Numer części KRX201E
Szczegółowy opis  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX201E Arkusz danych(HTML) 2 Page - KEC(Korea Electronics)

  KRX201E Datasheet HTML 1Page - KEC(Korea Electronics) KRX201E Datasheet HTML 2Page - KEC(Korea Electronics) KRX201E Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 1. 24
2/3
KRX201E
Revision No : 1
Q1 ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Output Cut-off Current
IO(OFF)
VO=50V, VI=0
-
-
500
DC Current Gain
GI
VO=5V, IO=10
50
80
-
Output Voltage
VO(ON)
IO=10 , II=0.5
-
0.1
0.3
V
Input Voltage (ON)
VI(ON)
VO=0.2V, IO=5
-
1.8
2.4
V
Input Voltage (OFF)
VI(OFF)
VO=5V, IO=0.1
1.0
1.2
-
V
Transition Frequency
fT *
VO=10V, IO=5
-
200
-
Input Current
II
VI=5V
-
-
0.88
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Output Cut-off Current
IO(OFF)
VO=-50V, VI=0
-
-
-500
DC Current Gain
GI
VO=-5V, IO=-10
50
80
-
Output Voltage
VO(ON)
IO=-10 , II=-0.5
-
-0.1
-0.3
V
Input Voltage (ON)
VI(ON)
VO=-0.2V, IO=-5
-
-1.8
-2.4
V
Input Voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1
-1.0
-1.2
-
V
Transition Frequency
fT *
VO=-10V, IO=-5
-
200
-
Input Current
II
VI=-5V
-
-
-0.88
Note : * Characteristic of Transistor Only.
Q2 ELECTRICAL CHARACTERISTICS (Ta=25 )


Podobny numer części - KRX201E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Podobny opis - KRX201E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRX102E KEC-KRX102E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105E KEC-KRX105E Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202E KEC-KRX202E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105U KEC-KRX105U Datasheet
438Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205E KEC-KRX205E Datasheet
81Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX104E KEC-KRX104E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com