Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA1862L Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KTA1862L
Szczegółowy opis  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1862L Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KTA1862L Datasheet HTML 1Page - KEC(Korea Electronics) KTA1862L Datasheet HTML 2Page - KEC(Korea Electronics) KTA1862L Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1862D/L
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
HIGH VOLTAGE SWITCHING.
POWER SUPPLY SWITCHING FOR TELEPHONES.
FEATURES
High Breakdown Voltage, Typically : BVCEO=-400V.
Low Collector Saturation Voltage.
: VCE(sat)=-0.5V(Max.) at (IC=0.5A)
High Switching Speed, Typically
: tf= 0.4 S at IC=-1A
Wide Safe Operating Area (SOA)
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification O:56~120, Y:82~180.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltag
VEBO
-7
V
Collector Current
DC
IC
-2.0
A
Pulse
ICP
-4.0
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut of Current
ICBO
VCB=-400V
-
-
-1.0
A
Emitter Cut of Current
IEBO
VEB=-5V
-
-
-1.0
A
Collector-Base Breakdown Voltage
BVCBO
IC=-50 A
-400
-
-
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA
-400
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-50 A
-7
-
-
V
DC Current Gain
hFE(1) Note
VCE=-5V, IC=-100mA
56
100
180
hFE(2)
VCE=-5V, IC=-500mA
6
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-100mA
-
-0.3
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-500mA, IB=-100mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-10V, IE=-100mA, f=5MHz
-
18
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0mA, f=1MHz
-
30
-
pF
Switching Time
Turn-on Time
ton
IB1
B1
I
CC
V
=-150V
IB2
IB2
20µsec
-I =I =0.2A
1%
B1 B2
OUTPUT
DUTY CYCLE
INPUT
0
<=
-
0.2
-
S
Turn-off Time
tstg
-
-1.8
-
Storage Time
tf
-
0.4
-
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_


Podobny numer części - KTA1862L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D_15 Datasheet
420Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Podobny opis - KTA1862L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1807D KEC-KTA1807D Datasheet
404Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTA1660 KEC-KTA1660 Datasheet
421Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING)
KTA2012V KEC-KTA2012V Datasheet
72Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
KTA2012E KEC-KTA2012E Datasheet
72Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
logo
Sanyo Semicon Device
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3152 SANYO-CPH3152 Datasheet
58Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1102 SANYO-PCP1102 Datasheet
59Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3151 SANYO-CPH3151 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2204 SANYO-2SA2204 Datasheet
44Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3148 SANYO-CPH3148 Datasheet
41Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com