Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1620G Arkusz danych(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Numer części U1620G
Szczegółowy opis  16 Ampere Surface Mount Common Cathode Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U1620G Arkusz danych(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U1620G Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U1620G Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
16
8
6
4
10
13
0.1
8
80
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
U1640G
U1620G
U1660G
®
U1620G thru U1660G
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05


Podobny numer części - U1620G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
U1620G THINKISEMI-U1620G Datasheet
758Kb / 2P
   16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
U1620G THINKISEMI-U1620G_18 Datasheet
758Kb / 2P
   16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Podobny opis - U1620G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
MURB1620CT THINKISEMI-MURB1620CT Datasheet
290Kb / 2P
   16.0 Ampere Surface Mount Common Cathode Ultra Fast Recovery Rectifier
U1620RG THINKISEMI-U1620RG Datasheet
262Kb / 2P
   16 Ampere Surface Mount Common Anode Ultra Fast Recovery Rectifier
MURB1620CTG THINKISEMI-MURB1620CTG Datasheet
737Kb / 2P
   16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifier Diodes
UFF160-02CT THINKISEMI-UFF160-02CT Datasheet
268Kb / 2P
   16 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifier
MURD1020CT THINKISEMI-MURD1020CT Datasheet
795Kb / 2P
   10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
FS30C20CT THINKISEMI-FS30C20CT Datasheet
315Kb / 2P
   30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
FS16C20CT THINKISEMI-FS16C20CT Datasheet
301Kb / 2P
   16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURB3020CT THINKISEMI-MURB3020CT Datasheet
762Kb / 2P
   30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
FS20C20CT THINKISEMI-FS20C20CT Datasheet
308Kb / 2P
   20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURB3020CT THINKISEMI-MURB3020CT_V01 Datasheet
468Kb / 2P
   30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com