Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD16326A Arkusz danych(PDF) 10 Page - Renesas Technology Corp

Numer części PD16326A
Szczegółowy opis  32-BIT FLUORESCENT DISPLAY TUBE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16326A Arkusz danych(HTML) 10 Page - Renesas Technology Corp

Back Button PD16326A_15 Datasheet HTML 6Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 7Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 8Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 9Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 10Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 11Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 12Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 13Page - Renesas Technology Corp PD16326A_15 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
µPD16326A
8
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the conditions recommended below.
For soldering methods and conditions other than those recommended, please contact your NEC sales representative.
SURFACE MOUNT TYPE
For details of recommended soldering conditions, refer to the information document “Semiconductor Device
Mounting Technology Manual” (C10535E).
µPD16326GB-3B4
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235 ˚C, Duration: 30 sec. MAX.
(at 210 ˚C or above), Number of times: Twice, Time limit: NoneNote
VPS
Package peak temperature: 215 ˚C, Duration: 40 sec. MAX.
(at 200 ˚C or above), Number of times: Twice, Time limit: NoneNote
Wave soldering
Solder bath temperature: 260 ˚C MAX., Duration: 10 sec. MAX.,
Number of times: Once, Time limit: NoneNote
Pin partial heating
Pin partial temperature: 300 ˚C MAX., Duration: 10 sec. MAX.,
Time limit: NoneNote
Note For the storage period after dry-pack decapsulation, storage conditions are max. 25 ˚C, 65 % RH.
Caution Use of more than one soldering method should be avoided (except in the case of pin partial
heating).
REFERENCES
NEC Semiconductor Device Reliability/Quality Control System (IEI-1212)
Quality Grade on NEC Semiconductor Devices (C11531E)
IR35-00-2
VP15-00-2
WS60-00-1


Podobny numer części - PD16326A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
PD16315 RENESAS-PD16315_15 Datasheet
242Kb / 23P
   1/4- to 1/12-DUTY FIPTM(VFD) CONTROLLER/DRIVER
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
   96-Bit AC-PDP DRIVER
PD16364 RENESAS-PD16364_15 Datasheet
229Kb / 18P
   160-BIT HIGH-VOLTAGE CMOS DRIVER
More results

Podobny opis - PD16326A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD16326A NEC-UPD16326A Datasheet
73Kb / 12P
   32-BIT FLUORESCENT DISPLAY TUBE DRIVER
UPD16326 NEC-UPD16326 Datasheet
76Kb / 12P
   32-BIT FLUORESCENT DISPLAY TUBE DRIVER
logo
Sanyo Semicon Device
LB1240 SANYO-LB1240 Datasheet
51Kb / 2P
   Fluorescent Display Tube Driver
LB1241 SANYO-LB1241 Datasheet
53Kb / 2P
   Fluorescent Display Tube Driver?
logo
OKI electronic componet...
MSM9201-01 OKI-MSM9201-01 Datasheet
356Kb / 35P
   Fluorescent Display Tube Controller Driver
logo
Panasonic Semiconductor
MN12511 PANASONIC-MN12511 Datasheet
63Kb / 9P
   Fluorescent Display Tube Driver LSI
logo
Princeton Technology Co...
PT6321 PTC-PT6321 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com