Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD16602 Arkusz danych(PDF) 8 Page - Renesas Technology Corp

Numer części PD16602
Szczegółowy opis  312-OUTPUT TFT-LCD FULL COLOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16602 Arkusz danych(HTML) 8 Page - Renesas Technology Corp

Back Button PD16602_15 Datasheet HTML 4Page - Renesas Technology Corp PD16602_15 Datasheet HTML 5Page - Renesas Technology Corp PD16602_15 Datasheet HTML 6Page - Renesas Technology Corp PD16602_15 Datasheet HTML 7Page - Renesas Technology Corp PD16602_15 Datasheet HTML 8Page - Renesas Technology Corp PD16602_15 Datasheet HTML 9Page - Renesas Technology Corp PD16602_15 Datasheet HTML 10Page - Renesas Technology Corp PD16602_15 Datasheet HTML 11Page - Renesas Technology Corp PD16602_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6
µµµµPD16602
4. NOTES ON USE
(1) In order to prevent latch up breakdown, power should be applied in the order of:
VDD1
→ logic input → VDD2(D), (A) → VBIAS1,2, VCOM → analog display signal input, and turned off in the reverse
order.
This order should also be observed in transition periods.
(2) VSS1, VSS2(D), VSS2(A) and VSS2(C) are connected in the diffusion layer, but also be sure to connect them
externally.
Do not share the sample & hold ground VSS2(C) with other ground wiring on the mount board, but connect it to
the edge to the signal board. There is a possibility of high-voltage or logic type noise being superimposed
onto the sample & hold circuit, damaging the analog characteristics (output deviation, etc.).
(3) Likewise, to prevent the sample & hold characteristics from deteriorating, insert a bypass capacitor of 0.1
µF
between VDD1 and VSS1, and approximately 0.1
µF between VDD2(D), (A) and VSS2(D), (A). An unstable power
supply may cause a driver through current, preventing the output range of the output buffer from being
sufficiently secured.
Therefore, determine the capacitance of the bypass capacitor after a thorough
evaluation.
(4) When LPC
= “H”, stable current supply of the output buffer may be shut off, which will impede normal
negative feedback, and when the LCD panel load is small, the output voltage may become abnormal.
Normal operation is assured with approximately 10 k
Ω + 50 pF, but when the time constant is smaller than
this, please set LPC
= “L”.
(5) Data input/output relationship
As shown below, irrespective of right shift and left shift.
Output
S1
S2
S3
S4
S5
S6
S309
S310
S311
S312
Data
DR0
DB0
DG0
DR1
DB1
DG1
DG2
DR3
DB3
DG3
(6) Bias control method
Externally applying a voltage to pins BIAS1 and BIAS2 can control the output buffer current consumption. In
this case, the analog characteristics (output deviation, driving capability, response speed, etc.) will not
change. Please refer to the configuration in the figure below for the actual circuit. Also refer to the same
configuration for the VCOM voltage input circuit. Current per driver IC is as follws.
VDD2
VBIAS1, VBIAS2, VCOM
0.01 F
µ
100 AMIN.
(per IC)
µ


Podobny numer części - PD16602_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD166010 RENESAS-PD166010_15 Datasheet
403Kb / 27P
   SINGLE N-CHANNEL HIGH SIDE INTELLIGENT POWER DEVICE
PD166017T1F RENESAS-PD166017T1F Datasheet
188Kb / 24P
   INTELLIGENT POWER DEVICE
More results

Podobny opis - PD16602_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD16602 NEC-UPD16602 Datasheet
134Kb / 16P
   312-OUTPUT TFT-LCD FULL COLOR DRIVER
logo
Crystalfontz America, I...
CFAF800480C1-050T CRYSTAIFONTZ-CFAF800480C1-050T Datasheet
1Mb / 19P
   FULL COLOR TFT LCD MODULE
logo
NEC
UPD16633B NEC-UPD16633B Datasheet
108Kb / 20P
   312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
   color TFT-LCD
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com