Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA158G Arkusz danych(PDF) 5 Page - Leshan Radio Company

Numer części BA158G
Szczegółowy opis  Fast Switching Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA158G Arkusz danych(HTML) 5 Page - Leshan Radio Company

  BA158G_15 Datasheet HTML 1Page - Leshan Radio Company BA158G_15 Datasheet HTML 2Page - Leshan Radio Company BA158G_15 Datasheet HTML 3Page - Leshan Radio Company BA158G_15 Datasheet HTML 4Page - Leshan Radio Company BA158G_15 Datasheet HTML 5Page - Leshan Radio Company BA158G_15 Datasheet HTML 6Page - Leshan Radio Company BA158G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Unit:mm
A: 弹带盒规格/Ammo Box Spec.
Item
Symbol
Dimension
Notes
L
260±2
W
76±2
H
100±4
L
250±3
W
45±3
H
95±5
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
Notes
L
430±2
H
W
280±2
H
225±4
L
435±3
W
W
280±3
H
295±5
L
按以上包装方式:(As per the above spec)
DO-15
2K
20K
40K
2. 弹带盒装/Ammo Packing
Q'ty/Packing Case
52mm/TYPE
60K
14.4K
Q'ty/Taping
3K
0.8K
Q'ty/Packing Case
26mm/TYPE
30K
7.2K
Case's
Size
52mm
TYPE
26mm
TYPE
外型/Outside
A-405 & DO-41 & R-1
DO-201AD
Box's
Size
52mm
TYPE
26mm
TYPE
LESHAN RADIO COMPANY, LTD.


Podobny numer części - BA158G_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
BA158G-LFR FRONTIER-BA158G-LFR Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Micro Commercial Compon...
BA158GP MCC-BA158GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
logo
Vishay Siliconix
BA158GP VISHAY-BA158GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
BA158GP VISHAY-BA158GP Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
More results

Podobny opis - BA158G_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N4933 SEMTECH_ELEC-1N4933 Datasheet
141Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
   Fast Switching Plastic Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com