Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA159DG Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części BA159DG
Szczegółowy opis  Fast Switching Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA159DG Arkusz danych(HTML) 1 Page - Leshan Radio Company

  BA159DG_15 Datasheet HTML 1Page - Leshan Radio Company BA159DG_15 Datasheet HTML 2Page - Leshan Radio Company BA159DG_15 Datasheet HTML 3Page - Leshan Radio Company BA159DG_15 Datasheet HTML 4Page - Leshan Radio Company BA159DG_15 Datasheet HTML 5Page - Leshan Radio Company BA159DG_15 Datasheet HTML 6Page - Leshan Radio Company BA159DG_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* High surge current capability
* Fast switching for high efficiency
* Soft recovery characteristics
* Cavity-free glass passivated junction
* High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.34 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum repetitive peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature rangeTJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
BA157G thru BA159PG
BA157G
150
250
500
BA158G
BA159DG
BA159G
400
1000
280
400
600
800
420
560
700
600
55
–50 to +150
BA159PG
1000
700
1000
800
1000
1.0
30
15
BA159PG
1.30
5.0
100
250
BA157G
BA158G
BA159DG
BA159G
Fast Switching Plastic Rectifiers
Reverse Voltage 400 to 1000V
Forward Current 1.0A
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Podobny numer części - BA159DG_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BA159DGP VISHAY-BA159DGP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
BA159DGP VISHAY-BA159DGP Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
More results

Podobny opis - BA159DG_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N4933 SEMTECH_ELEC-1N4933 Datasheet
141Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
   Fast Switching Plastic Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com