Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD16805 Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części PD16805
Szczegółowy opis  MONOLITHIC H BRIDGE DRIVER CIRCUIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16805 Arkusz danych(HTML) 6 Page - Renesas Technology Corp

Back Button PD16805_15 Datasheet HTML 2Page - Renesas Technology Corp PD16805_15 Datasheet HTML 3Page - Renesas Technology Corp PD16805_15 Datasheet HTML 4Page - Renesas Technology Corp PD16805_15 Datasheet HTML 5Page - Renesas Technology Corp PD16805_15 Datasheet HTML 6Page - Renesas Technology Corp PD16805_15 Datasheet HTML 7Page - Renesas Technology Corp PD16805_15 Datasheet HTML 8Page - Renesas Technology Corp PD16805_15 Datasheet HTML 9Page - Renesas Technology Corp PD16805_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet S11032EJ4V0DS
4
µµµµPD16805
Terminal function
•••• µµµµPD16805GS
Package: 16 pin plastic SOP
C2L
C1H
C1L
VM
VDD
IN1
IN2
INC
C2H
VG
STBY
OUT2
PGND
OUT1
VM
DGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Terminal No.
Terminal name
Terminal function
1C2L
The capacitor connection terminal for charge pumps
2C1H
The capacitor connection terminal for charge pumps
3C1L
The capacitor connection terminal for charge pumps
4VM
Motor block supply voltage input terminal
5VDD
Control block supply voltage input terminal
6
IN1
Input terminal
7
IN2
Input terminal
8
INC
Input terminal
9
DGND
Control block GND terminal
10
VM
Motor block supply voltage input terminal
11
OUT1
Output terminal
12
PGND
Output block GND terminal
13
OUT2
Output terminal
14
STBY
Standby terminal
15
VG
Gate input terminal
16
C2H
The capacitor connection terminal for charge pumps


Podobny numer części - PD16805_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Podobny opis - PD16805_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com