Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD16856 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części PD16856
Szczegółowy opis  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16856 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button PD16856_15 Datasheet HTML 5Page - Renesas Technology Corp PD16856_15 Datasheet HTML 6Page - Renesas Technology Corp PD16856_15 Datasheet HTML 7Page - Renesas Technology Corp PD16856_15 Datasheet HTML 8Page - Renesas Technology Corp PD16856_15 Datasheet HTML 9Page - Renesas Technology Corp PD16856_15 Datasheet HTML 10Page - Renesas Technology Corp PD16856_15 Datasheet HTML 11Page - Renesas Technology Corp PD16856_15 Datasheet HTML 12Page - Renesas Technology Corp PD16856_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
7
µµµµPD16856
Data Sheet S13447EJ1V0DS00
STANDARD CHARACTERISTICS CURVES (UNLESS OTHERWISE SPECIFIED, TA = 25
°°°°C)
2.0
1.0
0
4.5
5.0
5.5
IDD (ST)
IDD
IDD and IDD (ST) vs. VDD Characteristics
50
40
30
20
10
0
4.5
5.0
5.5
IIN
IIN vs. VDD Characteristics (EC and ECR pins)
EC, ECR = 4 V
Controller block supply voltage VDD (V)
Controller block supply voltage VDD (V)
2.0
1.5
1.0
4.5
5.0
5.5
VIH
VIL
VIH and VIL vs. VDD Characteristics
(ST/SP, REV, STB, and FGsel pins)
20
15
10
4.5
5.0
5.5
VHhys
VHhys vs. VDD Characteristics
(Hole Amplifier Input)
VH = 2.5 V
Controller block supply voltage VDD (V)
Controller block supply voltage VDD (V)
100
50
0
4.5
5.0
5.5
fPWM
VIL
fPWM vs. VDD Characteristics
1.5
1.0
0.5
30
40
50
60
70
RON
RON vs. TA Characteristics
VDD = 5 V
Controller block supply voltage VDD (V)
Operating ambient temperature TA (V)
CT = 100 pF


Podobny numer części - PD16856_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Podobny opis - PD16856_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD16856 NEC-UPD16856 Datasheet
102Kb / 16P
   MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
   MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
   CD-ROM Spindle Motor Driver
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
   CD-ROM spindle motor driver
logo
Sanyo Semicon Device
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com