Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD16874 Arkusz danych(PDF) 11 Page - Renesas Technology Corp

Numer części PD16874
Szczegółowy opis  QUAD Pch HIGH-SIDE SWITCH FOR USB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16874 Arkusz danych(HTML) 11 Page - Renesas Technology Corp

Back Button PD16874_15 Datasheet HTML 7Page - Renesas Technology Corp PD16874_15 Datasheet HTML 8Page - Renesas Technology Corp PD16874_15 Datasheet HTML 9Page - Renesas Technology Corp PD16874_15 Datasheet HTML 10Page - Renesas Technology Corp PD16874_15 Datasheet HTML 11Page - Renesas Technology Corp PD16874_15 Datasheet HTML 12Page - Renesas Technology Corp PD16874_15 Datasheet HTML 13Page - Renesas Technology Corp PD16874_15 Datasheet HTML 14Page - Renesas Technology Corp PD16874_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet S13894EJ1V0DS
9
µµµµPD16874
On Detection of Overcurrent
If an overcurrent is detected after the overcurrent detection delay time of 20
µs, the IC executes a slow-start
operation again.
If an overcurrent is detected while the IC is executing the slow-start operation again, it is assumed that the output
is short-circuited and the FLG pin goes low. When the CTL signal is deasserted inactive, OUT is turned OFF and
FLG goes high. If the CTL signal is asserted active, OUT is turned back ON unless the undervoltage lockout circuit
or thermal shutdown circuit is activated.
5 V
IN (Input)
Flg
(Output)
OUT
(Output)
IOUT
CTL
(Input)
5 V
GND
5 V
5 V
GND
GND
Overcurrent
detection threshold
Slow
start
period
When overcurrent
(inrush current)
is detected
When overcurrent is detected
(output is short-circuited)


Podobny numer części - PD16874_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Podobny opis - PD16874_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
   SINGLE Pch HIGH-SIDE SWITCH FOR USB
UPD16875 NEC-UPD16875 Datasheet
260Kb / 20P
   DUAL Pch HIGH-SIDE SWITCH FOR USB
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
uPI Group Inc.
UP7550 UPI-UP7550 Datasheet
730Kb / 13P
   Power Multiplexer for USB High Side Switch
logo
Unisonic Technologies
US16855 UTC-US16855_17 Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US236H UTC-US236H Datasheet
176Kb / 6P
   POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
logo
NEC
UPD16855A NEC-UPD16855A Datasheet
134Kb / 28P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com