Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD17230 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części PD17230
Szczegółowy opis  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17230 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  PD17230_15 Datasheet HTML 1Page - Renesas Technology Corp PD17230_15 Datasheet HTML 2Page - Renesas Technology Corp PD17230_15 Datasheet HTML 3Page - Renesas Technology Corp PD17230_15 Datasheet HTML 4Page - Renesas Technology Corp PD17230_15 Datasheet HTML 5Page - Renesas Technology Corp PD17230_15 Datasheet HTML 6Page - Renesas Technology Corp PD17230_15 Datasheet HTML 7Page - Renesas Technology Corp PD17230_15 Datasheet HTML 8Page - Renesas Technology Corp PD17230_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
2
APPLICATION
Preset remote controllers, toys, portable systems, etc.
ORDERING INFORMATION
Part Number
Package
µPD17230MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17231MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17232MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17233MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17234MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17235GT-×××
28-pin plastic SOP (375 mil)
µPD17235MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17236GT-×××
28-pin plastic SOP (375 mil)
µPD17236MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
Remark
××× indicates ROM code suffix.
DIFFERENCE BETWEEN
µPD17236 SUBSERIES AND µPD17225 SUBSERIES
Item
µPD17236 Subseries
µPD17225 Subseries
ROM capacity
µPD17230: 2048 × 16 bits
µPD17225: 2048 × 16 bits
µPD17231: 4096 × 16 bits
µPD17226: 4096 × 16 bits
µPD17232: 6144 × 16 bits
µPD17227: 6144 × 16 bits
µPD17233: 8192 × 16 bits
µPD17228: 8192 × 16 bits
µPD17234: 10240 × 16 bits
µPD17235: 12288 × 16 bits
µPD17236: 16384 × 16 bits
Port
P0B0-P0B3: I/O (bit I/O)
P0B0-P0B3: Input
P0C0-P0C3: I/O (group I/O)
P0C0-P0C3: Output
P0D0-P0D3: I/O (group I/O)
P0D0-P0D3: Output
P1A0: Input or output selectable by mask option
Reset
RESET pin is internally pulled down by
Low level is output from WDOUT pin by
• Reset by watchdog timer
occurrence of the internal reset signals on the
occurrence of the internal reset signals on the
• Reset by stack pointer
left, and reset takes place (usually, RESET pin
left, and reset takes place if the WDOUT pin
• Low-voltage detection
is pulled up).
is externally connected to the RESET pin.
circuit (mask option)
STOP mode release
<1> When any of pins P0A0-P0A3 goes low
When any of P0A0-P0A3 or P0B0-P0B3 goes
condition
<2> When P0B0-P0B3, P0C0-P0C3, and
low
P0D0-P0D3 are used as input pins and
any of them goes low
<3> When the interrupt request (IRQ) of an
interrupt for which IP flag is set is
generated at rising or falling edge of INT pin
Carrier frequency
Selected by mask option
7.8 kHz to 1 MHz
(fX = 4 MHz)
<1> If carrier generation clock (RfX) is fX/2:
7.8 kHz to 1 MHz
<2> If carrier generation clock (RfX) is fX:
15.6 kHz to 2 MHz
Pin 14
P1A0 pin
WDOUT pin


Podobny numer części - PD17230_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD17202AGF-011 RENESAS-PD17202AGF-011_15 Datasheet
265Kb / 30P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC (FRONT PANEL CONTROLLER)
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Anaren Microwave
PD1722J5050D2 ANAREN-PD1722J5050D2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD1722J5050D2HF ANAREN-PD1722J5050D2HF Datasheet
339Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD1722J5050D2HF ANAREN-PD1722J5050D2HF Datasheet
340Kb / 6P
   Ultra Low Profile 0805 Power Divider
More results

Podobny opis - PD17230_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
logo
NEC
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com