Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD160970 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części PD160970
Szczegółowy opis  8-ch level shift driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD160970 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button PD160970_15 Datasheet HTML 5Page - Renesas Technology Corp PD160970_15 Datasheet HTML 6Page - Renesas Technology Corp PD160970_15 Datasheet HTML 7Page - Renesas Technology Corp PD160970_15 Datasheet HTML 8Page - Renesas Technology Corp PD160970_15 Datasheet HTML 9Page - Renesas Technology Corp PD160970_15 Datasheet HTML 10Page - Renesas Technology Corp PD160970_15 Datasheet HTML 11Page - Renesas Technology Corp PD160970_15 Datasheet HTML 12Page - Renesas Technology Corp PD160970_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Product Information S15857EJ4V0PM
7
µµµµ PD160970
Switching Characteristics Waveform
50%
Logic input
High-withstanding-voltage output
High-withstanding-voltage output
90%
10%
tf
tr
50%
VEE
tPHL2
tPLH2
VCC
VEE
VCC
VSS
VDD
10%
90%
50%
tPLH1, tPLH2
tPHL1, tPHL2
50%
50%
50%


Podobny numer części - PD160970_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
   420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
PD160088 RENESAS-PD160088_15 Datasheet
447Kb / 25P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results

Podobny opis - PD160970_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD160970 NEC-UPD160970 Datasheet
76Kb / 11P
   8-ch level shift driver IC
logo
Global Mixed-mode Techn...
G5998 GMT-G5998 Datasheet
82Kb / 1P
   8-CH Local Dimming LED Driver IC
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
   32-bit Shift Register Latch Driver IC
DN8643S PANASONIC-DN8643S Datasheet
42Kb / 4P
   24-bit Shift Register Latch Driver IC
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
logo
Texas Instruments
TLC6C598 TI1-TLC6C598 Datasheet
903Kb / 23P
[Old version datasheet]   TLC6C598 8-Bit Shift-Register LED Driver
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG Datasheet
182Kb / 11P
   8 ch High-Voltage Source Driver
TD62783AP TOSHIBA-TD62783AP_06 Datasheet
180Kb / 11P
   8 ch High-Voltage Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com