Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P004-010 Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części P004-010
Szczegółowy opis  Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004-010 Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P004-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P004-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Computer Power Extension Cord, 10A,
18AWG (IEC-320-C14 to IEC-320-C13) 10-ft.
MODEL NUMBER: P004-010
Description
Tripp Lite's line of AC power cords offer PC users a solution to their power connectivity problems. This handy 10ft. cord can be used to extend the power cord
on any PC or device with a C14 plug. Features an IEC-320-C14 to IEC-320-C13 connection. UL listed.
Features
UL Listed
10-ft. power extension cord for your PC or device with a C14 plug
Plug type: IEC-320-C14 (male) to IEC-320-C13 (female)
18AWG SJT, 10A, 100-250V
Specifications
OVERVIEW
Intended Application
Powering Devices
Cable Type
POWER
Model Type
Power Cords
UPC ASSIGNMENT
Unit Carton UPC#
037332164759
PHYSICAL
Color
Black
Style
Power Cables
Highlights
UL Listed
10ft, C13 - C14
18AWG SJT, 10A, 100-250V
Package Includes
10-ft. universal AC power
extension PC style male
(IEC-320-C14) to PC style female
(IEC-320-C13)
1 / 2


Podobny numer części - P004-010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
P004-015 TRIPPLITE-P004-015 Datasheet
161Kb / 2P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 100??50V, 18 AWG, 15 ft., Black
More results

Podobny opis - P004-010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P004004GN TRIPPLITE-P004004GN Datasheet
480Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Green Plugs),4-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
P004004RD TRIPPLITE-P004004RD Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Red Plugs), 4-ft
P004004YW TRIPPLITE-P004004YW Datasheet
482Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Yellow Plugs), 4-ft
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com