Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD168302 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części PD168302
Szczegółowy opis  MONOLITHIC 2CH H-BRIDGE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD168302 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  PD168302_15 Datasheet HTML 1Page - Renesas Technology Corp PD168302_15 Datasheet HTML 2Page - Renesas Technology Corp PD168302_15 Datasheet HTML 3Page - Renesas Technology Corp PD168302_15 Datasheet HTML 4Page - Renesas Technology Corp PD168302_15 Datasheet HTML 5Page - Renesas Technology Corp PD168302_15 Datasheet HTML 6Page - Renesas Technology Corp PD168302_15 Datasheet HTML 7Page - Renesas Technology Corp PD168302_15 Datasheet HTML 8Page - Renesas Technology Corp PD168302_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet S16402EJ1V0DS
2
µµµµPD168302
1. BLOCK DIAGRAM
Oscillator
Circuit
Charge-pump
Circuit
Level Shift
Circuit
MOS
H-bridge
Circuit 1
MOS
H-bridge
Circuit 2
Level Shift
Circuit
BGR
Circuit
Control
Circuit
Control
Circuit
VDD
VG
VM Note3
VM1 Note3
VM2 Note3
OUT1A
OUT1B
OUT2A
OUT2B
C1H
C1L
C2H C2L
LGND
/STB Note2
IN1 Note2
IN2 Note2
IN3 Note2
IN4 Note2
UVLO
PGND1 Note1, 4 PGND2 Note1, 4
Notes 1. The terminal which has more than one should connect not only one terminal but all terminals.
2. Pull down resistance (50 to 200 k
Ω) is connected to the input terminal.
3. It is recommended that VM terminal is connected to the terminal which either VM1 or VM2 is higher.
4. It is recommended that the voltage of PGND1 and PGND2 is not lower value than GND.


Podobny numer części - PD168302_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Podobny opis - PD168302_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
logo
Asahi Kasei Microsystem...
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com