Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD168302 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części PD168302
Szczegółowy opis  MONOLITHIC 2CH H-BRIDGE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD168302 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button PD168302_15 Datasheet HTML 5Page - Renesas Technology Corp PD168302_15 Datasheet HTML 6Page - Renesas Technology Corp PD168302_15 Datasheet HTML 7Page - Renesas Technology Corp PD168302_15 Datasheet HTML 8Page - Renesas Technology Corp PD168302_15 Datasheet HTML 9Page - Renesas Technology Corp PD168302_15 Datasheet HTML 10Page - Renesas Technology Corp PD168302_15 Datasheet HTML 11Page - Renesas Technology Corp PD168302_15 Datasheet HTML 12Page - Renesas Technology Corp PD168302_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet S16402EJ1V0DS
7
µµµµPD168302
7. ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C. When mounted on a glass epoxy board (100 mm x 100 mm x 1 mm,
15% copper foil))
Parameter
Symbol
Condition
Rating
Unit
VDD
Logic
−0.5 to +6.0
V
Power Supply
VM
Motor
−0.5 to +4.0
V
VG Voltage
VG
−0.5 to +8.0
V
Input Voltage
VIN
−0.5 to VDD + 0.5
V
Output Voltage
VOUT
Motor
6.2
V
DC Output Current
ID(DC)
DC
± 0.6
A/ch
Peak Output Current
ID(pulse)
PW < 10 ms, Duty
≤ 20%
± 1.0
A/ch
Power consumption
PT
0.7
W
Peak junction temperature
Tch(MAX.)
150
°C
Storage temperature
Tstg
−55 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS (TA = 25°C. When mounted on a glass epoxy board (100 mm x 100
mm x 1 mm, 15% copper foil))
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
VDD
Logic
4.0
5.5
V
Power Supply
VM
Motor
0.9
3.6
V
VG Voltage
Note
VG
VM + 3.5
7.5
V
Input Voltage
VIN
0VDD
V
DC Output Current
ID(DC)
DC
−0.3
+0.3
A/ch
Peak Output Current
ID(pulse)
PW < 10 ms, Duty
≤ 20%
−0.7
+0.7
A/ch
Logic input frequency
fIN
100
kHz
Capacitor for charge-pump
C1 to C3
0.008
0.01
0.012
µF
Operating temperature
TA
070
°C
Note When using charge-pump circuit, the voltage occurs internally at VG-pin (VM + 3.5 V (TYP.)).


Podobny numer części - PD168302_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Podobny opis - PD168302_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
logo
Asahi Kasei Microsystem...
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com