Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD16732D Arkusz danych(PDF) 7 Page - Renesas Technology Corp

Numer części PD16732D
Szczegółowy opis  384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16732D Arkusz danych(HTML) 7 Page - Renesas Technology Corp

Back Button PD16732D_15 Datasheet HTML 3Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 4Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 5Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 6Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 7Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 8Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 9Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 10Page - Renesas Technology Corp PD16732D_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet S15022EJ1V0DS
5
µµµµPD16732D
(2/2)
Pin Symbol
Pin Name
I/O
Description
V0 to V9
γ -corrected power
supplies
Input the
γ -corrected power supplies from outside by using operational amplifier.
Make sure to maintain the following relationships. During the gray scale voltage
output, be sure to keep the gray scale level power supply at a constant level.
VDD2
− 0.1 V ≥ V0 > V1 > V2 > V3 > V4 ≥ 0.5 VDD2
0.5 VDD2
≥ V5 > V6 > V7 > V8 > V9 ≥ VSS2 + 0.1 V
VDD1
Logic power supply
2.3 to 3.6 V
VDD2
Driver power supply
8.0 to 9.0 V
VSS1
Logic ground
Grounding
VSS2
Driver ground
Grounding
Cautions 1. The power start sequence must be VDD1, logic input, and VDD2 & V0 to V9 in that order.
Reverse this sequence to shut down (Simultaneous power application to VDD2 and V0 to V9 is
possible.).
2. To stabilize the supply voltage, please be sure to insert a 0.1
µµµµF bypass capacitor between
VDD1-VSS1 and VDD2-VSS2. Furthermore, for increased precision of the D/A converter, insertion
of a bypass capacitor of about 0.01
µµµµF is also recommended between the γγγγ -corrected power
supply terminals (V0, V1, V2,....., V9) and VSS2.


Podobny numer części - PD16732D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16706 RENESAS-PD16706_15 Datasheet
213Kb / 14P
   308/300-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
PD16707 NEC-PD16707 Datasheet
123Kb / 21P
   MOS INTEGRATED CIRCUIT
More results

Podobny opis - PD16732D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com