Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001S Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N4001S
Szczegółowy opis  Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4001S Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N4001S_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4001S_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4001S_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4001S_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1401031
Version: E14
1N4001S thru 1N4007S
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Podobny numer części - 1N4001S_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_1 Datasheet
235Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S_10 Datasheet
67Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N4001S TMT-1N4001S_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
More results

Podobny opis - 1N4001S_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
   SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
   SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
   SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
   Silicon Rectifiers
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
   Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
   SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
   Silicon Rectifiers
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
   Silicon Rectifiers
BY251 DIOTEC-BY251 Datasheet
188Kb / 2P
   Silicon Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com