Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS12P4S Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SS12P4S
Szczegółowy opis  SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS12P4S Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SS12P4S_15 Datasheet HTML 1Page - Vishay Siliconix SS12P4S_15 Datasheet HTML 2Page - Vishay Siliconix SS12P4S_15 Datasheet HTML 3Page - Vishay Siliconix SS12P4S_15 Datasheet HTML 4Page - Vishay Siliconix SS12P4S_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS12P4S
www.vishay.com
Vishay General Semiconductor
Revision: 17-Jan-14
3
Document Number: 89127
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
0
1
2
3
4
5
6
7
024
6
8
10
12
14
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.7
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
0.6
0.001
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 25 °C
0.01
T
A = 150 °C
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p


Podobny numer części - SS12P4S_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SS12P4S VISHAY-SS12P4S_15 Datasheet
83Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-Jan-14
More results

Podobny opis - SS12P4S_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SS15P3S VISHAY-SS15P3S_V01 Datasheet
110Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
01-Jan-2022
V10P45S VISHAY-V10P45S_13 Datasheet
86Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 19-Apr-11
SS12P4S VISHAY-SS12P4S Datasheet
91Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-May-11
V10P45S-M3 VISHAY-V10P45S-M3_15 Datasheet
81Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 28-Nov-13
SS15P3S-M386A VISHAY-SS15P3S-M386A Datasheet
92Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 13-May-11
SS12P4S VISHAY-SS12P4S_15 Datasheet
83Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-Jan-14
SS15P3S VISHAY-SS15P3S_15 Datasheet
88Kb / 6P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 12-Dec-13
SS15P3S VISHAY-SS15P3S Datasheet
92Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 13-May-11
V10P45S VISHAY-V10P45S Datasheet
86Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 19-Apr-11
SS12P4S VISHAY-SS12P4S_V01 Datasheet
104Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com