Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1102A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1102A
Szczegółowy opis  SAW Filter 915MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1102A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1102A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1102A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915MHz
MODEL NO.:TA1102A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min
Typical
Max
Center Frequency
Fc MHz
-
915
-
Insertion Loss (902~928 MHz)
IL
dB
-
2
3 max
Amplitude Ripple (902~928 MHz)
dB
-
0.8
1.5 max
Group Delay Variation (902~928 MHz)
ns
-
35
50 max
Input/Output Return Loss (902~928 MHz)
dB
-
9.5
8 min
Attenuation (Reference level from 0 dB)
10 ~ 857.5 MHz
dB
40 min.
55
-
857.5 ~ 882.5 MHz
dB
35 min.
48
-
970 ~ 1005 MHz
dB
35 min.
48
-
1005 ~ 1110 MHz
dB
45 min.
52
-
1110 ~ 3000 MHz
dB
30 min.
35
-
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1102A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1102A TAI-SAW-TA1102A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1102A GOLLEDGE-TA1102A Datasheet
103Kb / 7P
   SAW Filter 915.0MHz
More results

Podobny opis - TA1102A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
MP01408 GOLLEDGE-MP01408 Datasheet
300Kb / 5P
   SAW Filter 915MHz
MP02291 GOLLEDGE-MP02291 Datasheet
109Kb / 6P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1423B TAI-SAW-TA1423B Datasheet
282Kb / 8P
   SAW Filter 915MHz
TA1460A TAI-SAW-TA1460A Datasheet
360Kb / 6P
   SAW Filter 915MHz
TA1423A TAI-SAW-TA1423A Datasheet
162Kb / 8P
   SAW Filter 915MHz
logo
Golledge Electronics Lt...
MA04499 GOLLEDGE-MA04499 Datasheet
535Kb / 5P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0829B TAI-SAW-TA0829B Datasheet
377Kb / 8P
   SAW Filter 915MHz
TA1102B TAI-SAW-TA1102B Datasheet
374Kb / 9P
   SAW Filter 915MHz
TA0521A TAI-SAW-TA0521A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 3.8횞3.8mm
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com