Zakładka z wyszukiwarką danych komponentów |
|
TA1239A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
TA1239A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
2 / 6 page TAI-SAW TECHNOLOGY CO., LTD. 2 TST DCC Release document TAI-SAW TECHNOLOGY CO., LTD. No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com SAW Filter 781.5 MHz MODEL NO.:TA1239A REV. NO.2 A. MAXIMUM RATING: 1. Input Power Level: +25 dBm 2. DC Voltage : 3V 3. Operating Temperature: -40°C to +85°C 4. Storage Temperature: -40°C to +85°C B. ELECTRICAL CHARACTERISTICS: Item Unit Min. Typ. Max. Center Frequency Fc MHz - 781.5 - Insertion loss (775~788 MHz) IL dB - 2.2 4 Insertion loss (777~787 MHz) IL dB - 2.1 3 Bandwidth MHz 13 25 - Amplitude Ripple (775 ~ 788 MHz) dB - 0.35 1 Attenuation (Reference level from 0 dB) 300 ~ 700 MHz dB 28 64 - 728 ~ 757 MHz dB 10 49 - 880 ~ 1050 MHz dB 28 70 - Temperature Coefficient of Frequency Ppm/℃ - -36 - C. MEASUREMENT CIRCUIT: 50Ω HP Network analyzer 50Ω SAW Filter B E A,C,D,F RoHS Compliant Lead free Lead-free soldering |
Podobny numer części - TA1239A |
|
Podobny opis - TA1239A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |