Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1243A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1243A
Szczegółowy opis  SAW Filter 763 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1243A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1243A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 763 MHz
MODEL NO.:TA1243A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 5 dBm
2. DC Voltage : 3V
3. Operating Temperature: -10°C to +55°C
4. Storage Temperature: -20°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
763
-
Insertion Loss (758~768 MHz)
dB
-
1.4
3
Amplitude Ripple (758 ~ 768 MHz)
dB
-
0.4
1.5
I/O Return Loss (758 ~ 768 MHz)
dB
10
16
-
Attenuation (Reference level from 0 dB)
0 ~ 708
MHz
dB
30
40
-
788 ~ 798
MHz
dB
52
59
-
873 ~ 973
MHz
dB
40
42
-
1200 ~ 2000 MHz
dB
25
45
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3 ,4,5 ,7,8


Podobny numer części - TA1243A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1243A GOLLEDGE-TA1243A Datasheet
124Kb / 5P
   SAW Filter: 763.0MHz
More results

Podobny opis - TA1243A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1130A TAI-SAW-TA1130A Datasheet
425Kb / 8P
   SAW Filter 763 MHz
TA1130B TAI-SAW-TA1130B Datasheet
357Kb / 7P
   SAW Filter 763 MHz
TA2509A TAI-SAW-TA2509A Datasheet
964Kb / 10P
   SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
TA2509B TAI-SAW-TA2509B Datasheet
964Kb / 10P
   SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
logo
Transko Electronics, In...
TD763AP2 TRANSKO-TD763AP2 Datasheet
380Kb / 5P
   LTE, SAW DUPLEXER For 763 MHz / 793 MHz
Revision 0: July 2010
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com