Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1352A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1352A
Szczegółowy opis  SAW Filter 499 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1352A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1352A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 499 MHz
MODEL NO.: TA1352A
REV. NO.: 2
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
C to 60C
4.Storage Temperature: -40
C to +85C
B. CHARACTERISTICS:
1. Ambient Temperature:
25 (C
Item
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
-
499
-
Amplitude ripple (487 ~ 511 MHz)
dB
-
1.1
1.7
Insertion loss, IL (487 ~ 511 MHz)
dB
-
2.2
3.0
Group Delay, GD (487 ~ 511 MHz)
ns
-
52
200
Bandwidth @ -3 dB
24
33.4
-
Attenuation (reference from 0dB)
0.3 ~ 450 MHz
dB
34
39
-
450 ~ 470 MHz
dB
10
18
-
530 ~ 560 MHz
dB
10
20
-
560 ~ 800 MHz
dB
38
43
-
800 ~ 1000 MHz
dB
32
37
-
Source impedance, ZS
-
50
-
Load impedance, ZL
-
50
-
Note1. No matching network required for operation at 50Ω
RoHS Compliant
Lead free
Lead-free soldering
E
lectrostatic Sensitive Device (ESD)


Podobny numer części - TA1352A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1352A GOLLEDGE-TA1352A Datasheet
120Kb / 5P
   SAW Filter 499.0MHz
More results

Podobny opis - TA1352A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0785A TAI-SAW-TA0785A Datasheet
329Kb / 6P
   SAW Filter 499 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com