Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1483A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1483A
Szczegółowy opis  SAW Filter 1000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1483A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1483A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1483A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1483A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1483A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1483A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1483A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1483A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1000 MHz
MODEL NO.:TA1483A
REV. NO:1.0
A. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC Voltage : 5V
3. Operating Temperature: -30°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
1000
-
3dB BW
MHz
1.5
2.0
-
Minimum insertion loss
IL(min)
Incl. loss of matching elements
*1)
dB
-
3.2
5.0
Passband (relative to ILmin ) *1)
999.600 ~ 1000.400 MHz
dB
-
0.6
3.0
Attenuation (relative to ILmin ) *1)
500.00 ~ 910.00
MHz
dB
35
48
-
910.00 ~ 985.00
MHz
dB
30
36
-
985.00 ~ 997.00
MHz
dB
18
25
-
1003.0 ~ 1010.0
MHz
dB
6
21
-
1010.0 ~ 1020.0
MHz
dB
15
23.5
-
1020.0 ~ 1100.0
MHz
dB
30
34
-
Temperature Coefficient
ppm/oC2
-0.036
*1): The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Podobny numer części - TA1483A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1483A GOLLEDGE-TA1483A Datasheet
173Kb / 6P
   SAW Filter 1000.0MHz
More results

Podobny opis - TA1483A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
KR Electronics, Inc.
3306-1000-90 KR-3306-1000-90 Datasheet
73Kb / 3P
   1000 MHz Bandpass Filter
2949-SMA KR-2949-SMA Datasheet
100Kb / 3P
   1000 MHz Bandpass Filter
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com