Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC546C Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części BC546C
Szczegółowy opis  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC546C Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BC546C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC546C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC546C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC546C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC546C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
MARKING
BC5xxA/B/C
(Note2)
BC5xxA/B/C
(Note2)
BC5xxA/B/C
(Note2)
BC5xxA/B/C
(Note2)
PART NO.
BC546A
Document Number: DS_S1405001
ORDERING INFORMATION
PACKING CODE
PACKING
4K / Ammo
B1
G
TO-92
5K / Bulk
MANUFACTURE
CODE (Note1)
BC546A/B/C ~ BC550A/B/C
MANUFACTURE
CODE
DESCRIPTION
PACKAGE
A1
G
Taiwan Semiconductor
Small Signal Product
TO-92
PACKING CODE
GREEN COMPOUND
CODE
GREEN COMPOUND
CODE
Note1: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
Note2: "xx" is Device Code from "46" thru "50", and "MARKING" should follow the "PART NO."
Version: B14
BC546A A1G
A1
G
Green compound


Podobny numer części - BC546C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
BC546C WEITRON-BC546C Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
SeCoS Halbleitertechnol...
BC546C SECOS-BC546C Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Micro Commercial Compon...
BC546C MCC-BC546C Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Fairchild Semiconductor
BC546C FAIRCHILD-BC546C Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Continental Device Indi...
BC546C CDIL-BC546C Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Podobny opis - BC546C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com