Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1610A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1610A
Szczegółowy opis  SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1610A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1610A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1610A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description : SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
TST Part No.: TA1610A
Customer Part No.:
Checked by:
Andy Yu
Approved by:
Bob Chau
Date:
2014/02/18
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Podobny numer części - TA1610A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beijing Yaohuadechang E...
TA1610FP YHDC-TA1610FP Datasheet
2Mb / 1P
   Electronic power general current transformer
TA1610P YHDC-TA1610P Datasheet
1Mb / 1P
   Electronic power general current transformer
More results

Podobny opis - TA1610A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1294A TAI-SAW-TA1294A Datasheet
164Kb / 8P
   SAW Filter 915MHz SMD 1.4X1.1 mm (BW=26MHz)
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA1423C TAI-SAW-TA1423C Datasheet
333Kb / 8P
   SAW Filter 915 MHz SMD 1.4X1.1 mm (BW=26MHz)
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com