Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1633A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1633A
Szczegółowy opis  SAW Filter 460 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1633A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1633A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1633A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1633A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1633A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1633A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1633A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 460 MHz
MODEL NO.:TA1633A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC Voltage : 0 V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
460
-
Insertion Loss
(450~470 MHz)
IL
MHz
-
2.2
3.2
Bandwidth @ -1dB
MHz
-
21
-
Bandwidth @ -3dB
MHz
20
24
-
Attenuation (Reference level from 0 dB)
10 ~ 360
MHz
dB
50
54
-
360 ~ 420
MHz
dB
45
50
-
500 ~ 600
MHz
dB
40
45
-
600 ~ 1000
MHz
dB
38
43
-
Temperature coefficient of frequency
ppm/k
-
-36
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D, F
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1633A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1633A GOLLEDGE-TA1633A Datasheet
113Kb / 6P
   SAW Filter 460.0MHz
More results

Podobny opis - TA1633A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1010A TAI-SAW-TA1010A Datasheet
391Kb / 6P
   SAW Filter 460 MHz
TB0168A TAI-SAW-TB0168A Datasheet
333Kb / 5P
   SAW Filter 460 MHz
TA1406A TAI-SAW-TA1406A Datasheet
596Kb / 7P
   SAW Filter 460 MHz
TA1010B TAI-SAW-TA1010B Datasheet
453Kb / 6P
   SAW Filter 460 MHz
TB0167A TAI-SAW-TB0167A Datasheet
242Kb / 6P
   SAW Filter 460 MHz
TE0114A TAI-SAW-TE0114A Datasheet
319Kb / 10P
   Dual SAW Filter 460 / 420 MHz
TC0282A TAI-SAW-TC0282A Datasheet
330Kb / 5P
   SAW Resonator 460 MHz SMD3.8X3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com