Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1655A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1655A
Szczegółowy opis  SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1655A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1655A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1655A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
MODEL NO.:TA1655A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +105°C
4. Storage Temperature: -40°C to +105°C
Electrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance
:
ZL = 50 Ω 
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc
MHz
-
806
-
-
Insertion Loss (791~821 MHz)
IL
dB
-
2.9
5.0
-
Amplitude ripple(791~821 MHz)
dB
-
0.9
3.0
-
Return Loss (791~821 MHz)
IL
dB
-
12
-
-
Attenuation
832~ 862
MHz
dB
-
20
-
-
880 ~ 915
MHz
dB
35
48
-
-
925 ~ 960
MHz
dB
35
50
-
-
1710 ~ 1785
MHz
dB
35
43
-
-
1805 ~ 1880
MHz
dB
35
43
-
-
1920 ~ 1980
MHz
dB
35
42
-
-
2110 ~ 2170
MHz
dB
35
41
-
Package size
mm
SMD 1.4x1.1
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1655A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1655A GOLLEDGE-TA1655A Datasheet
278Kb / 6P
   SAW Filter 806.0MHz
More results

Podobny opis - TA1655A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1656A TAI-SAW-TA1656A Datasheet
349Kb / 8P
   SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
TA2703AA1221 TAI-SAW-TA2703AA1221 Datasheet
684Kb / 7P
   SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA2571A TAI-SAW-TA2571A Datasheet
480Kb / 7P
   SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA2706AA1231 TAI-SAW-TA2706AA1231 Datasheet
688Kb / 7P
   SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA1255A TAI-SAW-TA1255A Datasheet
172Kb / 8P
   SAW Filter 2185MHz SMD 1.4X1.1 mm (BW=30MHz)
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2413A TAI-SAW-TA2413A Datasheet
815Kb / 9P
   SAW Tx Filter 733 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2474A TAI-SAW-TA2474A Datasheet
448Kb / 8P
   SAW Filter 788 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA1953A TAI-SAW-TA1953A Datasheet
395Kb / 9P
   SAW Filter 806 MHz Band 20 Rx SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com