Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAW56WQ-7-F Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części BAW56WQ-7-F
Szczegółowy opis  DUAL SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW56WQ-7-F Arkusz danych(HTML) 1 Page - Diodes Incorporated

  BAW56WQ-7-F Datasheet HTML 1Page - Diodes Incorporated BAW56WQ-7-F Datasheet HTML 2Page - Diodes Incorporated BAW56WQ-7-F Datasheet HTML 3Page - Diodes Incorporated BAW56WQ-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW56W
Document number: DS30064 Rev. 12 - 2
1 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAW56W
DUAL SURFACE MOUNT SWITCHING DIODE
Features
Fast Switching Speed
Small Surface Mount Package
For General Purpose Switching Applications
Lead Free/RoHS Compliant (Note 1)
"Green" Device (Notes 2 and 3)
Mechanical Data
Case: SOT323
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.006 grams (approximate)
Ordering Information (Notes 3 & 4)
Part Number
Qualification
Case
Packaging
BAW56W-7-F
Commercial
SOT323
3000/Tape & Reel
BAW56WQ-7-F
Automotive
SOT323
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
S
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT323
Top View
Internal Schematic
KJC = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
KJC


Podobny numer części - BAW56WQ-7-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
BAW56W DIOTEC-BAW56W Datasheet
191Kb / 2P
   SMD Small Signal Diodes
logo
Pan Jit International I...
BAW56W PANJIT-BAW56W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAW56W WTE-BAW56W Datasheet
50Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
KEC(Korea Electronics)
BAW56W KEC-BAW56W Datasheet
349Kb / 1P
   USM PACKAGE
logo
Galaxy Semi-Conductor H...
BAW56W BILIN-BAW56W Datasheet
120Kb / 3P
   Surface mount switching diode
More results

Podobny opis - BAW56WQ-7-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com