Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1230C16K1P Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części ST1230C16K1P
Szczegółowy opis  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1230C16K1P Arkusz danych(HTML) 1 Page - Vishay Siliconix

  ST1230C16K1P Datasheet HTML 1Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 2Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 3Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 4Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 5Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 6Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 7Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 8Page - Vishay Siliconix ST1230C16K1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-ST1230C..K Series
www.vishay.com
Vishay Semiconductors
Revision: 16-Dec-13
1
Document Number: 94395
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Phase Control Thyristors
(Hockey PUK Version), 1745 A
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case A-24 (K-PUK)
• High profile hockey PUK
• Designed and qualified for industrial level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
Package
A-24 (K-PUK)
Diode variation
Single SCR
IT(AV)
1745 A
VDRM/VRRM
800 V, 1200 V, 1400 V, 1600 V
VTM
1.62 V
IGT
100 mA
TJ
-40 °C to 125 °C
A-24 (K-PUK)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
1745
A
Ths
55
°C
IT(RMS)
3200
A
Ths
25
°C
ITSM
50 Hz
33 500
A
60 Hz
35 100
I2t
50 Hz
5615
kA2s
60 Hz
5126
VDRM/VRRM
800 to 1600
V
tq
Typical
200
μs
TJ
-40 to 125
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-ST1230C..K
08
800
900
100
12
1200
1300
14
1400
1500
16
1600
1700


Podobny numer części - ST1230C16K1P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ST1230C16K1P VISHAY-ST1230C16K1P Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
More results

Podobny opis - ST1230C16K1P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com