Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS78L15CTA3 Arkusz danych(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Numer części TS78L15CTA3
Szczegółowy opis  3-Terminal 100mA Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L15CTA3 Arkusz danych(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L15CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
10/13
Version: G14
SOP-8 Mechanical Drawing
Unit: Millimeters
Marking Diagram
XX
= Output Voltage
(03=3.3V, 05=5V, 09=9V, 12=12V, 15=15V, 24=24V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code


Podobny numer części - TS78L15CTA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78L18ACYRM TSC-TS78L18ACYRM Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CSRL TSC-TS78L18CSRL Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CTA3 TSC-TS78L18CTA3 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CTB0 TSC-TS78L18CTB0 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CXRF TSC-TS78L18CXRF Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
More results

Podobny opis - TS78L15CTA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com