Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS432AIXRK Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS432AIXRK
Szczegółowy opis  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432AIXRK Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS432AIXRK Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432AIXRK Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS432I
Adjustable Precision Shunt Regulator
3/10
Version: C14
Test Circuits
Figure 1: VKA = VREF
Figure 2: VKA > VREF
Figure 3: Off-State Current
Additional Information – Stability
When The TS432AI/432BI is used as a shunt regulator, there are two options for selection of CL, are recommended for optional
stability:
A)
No load capacitance across the device, decouple at the load.
B)
Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS432AI/432BI exhibits instability with capacitances in the range of 10nF to 1µF (approx.) at light cathode
current up to 3mA(typ). The device is less stable the lower the cathode voltage has been set for. Therefore while the device will be
perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1µF capacitor across it, it will oscillate transiently during
start up as the cathode current passes through the instability region. Select a very low capacitance, or alternatively a high
capacitance (10µF) will avoid this issue altogether. Since the user will probably wish to have local decoupling at the load anyway,
the most cost effective method is to use no capacitance at all directly across the device. PCB trace/via resistance and inductance
prevent the local load decoupling from causing the oscillation during the transient start up phase.
Note: if the TS432AI/432BI is located right at the load, so the load decoupling capacitor is directly across it, then this capacitor will
have to be
≤1nF or ≥10µF.
Applications Examples
Figure 4: Voltage Monitor
Figure 5: Output Control for Three Terminal
Fixed Regulator


Podobny numer części - TS432AIXRK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS432AIA5RF TSC-TS432AIA5RF Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
TS432AIARF TSC-TS432AIARF Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
logo
STMicroelectronics
TS432AILT STMICROELECTRONICS-TS432AILT Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
TS432AILT STMICROELECTRONICS-TS432AILT Datasheet
184Kb / 11P
   1.24 V adjustable shunt voltage reference
logo
Taiwan Semiconductor Co...
TS432AITA3 TSC-TS432AITA3 Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
More results

Podobny opis - TS432AIXRK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com