Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2937CW12RP Arkusz danych(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2937CW12RP
Szczegółowy opis  500mA Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CW12RP Arkusz danych(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS2937CW12RP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
9/10
Version: D13
SOT-223 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Voltage Code
(3.3=3.3V, 5.0=5V, 12=12V)


Podobny numer części - TS2937CW12RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2937CW12 TSC-TS2937CW12 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Podobny opis - TS2937CW12RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com