Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2951CS33RLG Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2951CS33RLG
Szczegółowy opis  150mA Ultra Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951CS33RLG Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2951CS33RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS2951
Taiwan Semiconductor
Document Number: DS_P0000207
1
Version: G15
150mA Ultra Low Dropout Voltage Regulator
DESCRIPTION
The TS2951 are low power voltage regulators. These
devices are excellent choice for use in battery-powered
applications such as cordless telephone, radio control
systems, and portable computers.
The TS2951 is features very low quiescent current
(75µA Typ.) and very low drop output voltage (Typ.
40µV at light load and 380mV at 100mA). This includes
a tight initial tolerance of 1% (A version), extremely
good load and line regulation 0.05% typ. and very low
output temperature coefficient, making the TS2951
useful as a low-power voltage reference.
TS2951 have other key additional feature. The error flag
output feature is used as power-on reset for warn of a
low output voltage, due to following batteries on input.
The logic-compatible shutdown input which enable the
regulator to be switched on/off. The regulator output
voltage may be pin-strapped for a 5.0 & 3.3 & 3.0 of
programmed from 1.24V to 29V with external pair of
resistors. Using of as design, processing and testing
techniques
make
TS2951
superior
over
similar
products.
FEATURES
Output voltage available in 5V, 3V & 3.3V
Extremely low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Need only 1µF for stability
Use as Regulator or Reference
Stable with low-ESR output capacitors
Current and thermal limiting
Error Flag warns of output dropout
Logic-Controlled electronic shutdown
Additional voltage tap
Output voltage sense
Output programmable from 1.24 to 29V
APPLICATION
Battery powered systems
SMPS Post-Regulator and Voltage Reference
Voltage Reference
Portable consumer equipment
SOP-8
Pin Definition:
1.
Output
2.
Sense
3.
Shutdown
4.
Ground
5.
Error flag
6.
Voltage tap
7.
FB
8.
Input
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATION CIRCUIT
Adjustable Regulator


Podobny numer części - TS2951CS33RLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2951CS TSC-TS2951CS Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951CS TSC-TS2951CS Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2951CS-3.0 TSC-TS2951CS-3.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951CS-3.3 TSC-TS2951CS-3.3 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951CS-5.0 TSC-TS2951CS-5.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS2951CS33RLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com