Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4274 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS4274
Szczegółowy opis  5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4274 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS4274_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS4274
5V/400mA Fixed Voltage
Ultra Low Dropout Voltage Regulator
5/6
Version: B13
TO-252 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
50
= Output Voltage Code


Podobny numer części - TS4274_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS4274CM TSC-TS4274CM Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CP TSC-TS4274CP Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CW TSC-TS4274CW Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CZ TSC-TS4274CZ Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
More results

Podobny opis - TS4274_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274 Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com