Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5204CY50RM Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS5204CY50RM
Szczegółowy opis  80mA Low Noise LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CY50RM Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5204CY50RM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5204CY50RM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS5204
80mA Low Noise LDO Voltage Regulator
1/9
Version: J13
SOT-23
SOT-89
DFN 2x2
General Description
The TS5204 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage
(typically 20mV at light loads and 300mV at 80mA), and very low power consumption (500uA at 50mA), providing
high output current even when the application requires very low dropout voltage. The TS5204 series is included a
precision voltage reference, error correction circuit, a current limited output driver, over temperature shutdown and
revered battery protection.
Features
Ultra Low Noise Output
Output Current up to 80mA
Low Dropout Voltage
Low Power Consumption
Internal Current Limit
Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5204CXxx RF
SOT-23
3Kpcs / 7” Reel
TS5204CYxx RM
SOT-89
1Kpcs / 7” Reel
TS5204CQxx RF
DFN 2x2
3Kpcs / 7” Reel
Note: Refer to detail ordering information table.
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Personal Electronics
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Recommend Input Supply Voltage
VIN
+2.5 ~ +16
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
SOT-23
Ө
JA
220
oC/W
SOT-89
180
DFN 2x2
80
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Out
2. N/C
3. Ground
4. N/C
5. N/C
6. Input


Podobny numer części - TS5204CY50RM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS5204CY50 TSC-TS5204CY50 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Podobny opis - TS5204CY50RM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com