Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13005RCKC0G Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części TS13005RCKC0G
Szczegółowy opis  High Voltage NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13005RCKC0G Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13005RCKC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13005RCKC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13005RCKC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13005RCKC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13005RCKC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS13005CK/RCK
High Voltage NPN Transistor
2/5
Version: C15
Electrical Specifications (TA=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IE =0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA, IC =0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB =700V, IE =0
ICBO
--
--
10
µA
Collector Cutoff Current
VCE =400V, IB =0
ICEO
--
--
10
µA
Emitter Cutoff Current
VEB =7V, IC =0
IEBO
--
--
10
µA
Collector-Emitter Saturation Voltage
IC =0.4A, IB =0.1A
VCE(SAT)1
--
0.10
0.7
V
IC =1A, IB =0.2A
VCE(SAT)2
--
0.17
1.0
IC =2.5A, IB =0.5A
VCE(SAT)3
--
0.55
1.5
Base-Emitter Saturation Voltage
IC =1A, IB =0.2A
VBE(SAT)1
--
--
1.1
V
IC =2A, IB =0.5A
VBE(SAT)2
--
--
1.2
DC Current Gain
VCE =5V, IC =10mA
hFE
10
--
--
VCE =5V, IC =1A
15
--
30
VCE =5V, IC =2A
5
--
--
VCE =2V, IC =0.425A
24
--
--
Forward Voltage Drop
IF =2A
VF
--
--
2.0
V
Turn On Time
VCC =250V, IC =1A,
IB1=IB2=0.2A, tp=25µs
Duty Cycle<1%
tON
--
0.2
0.6
µs
Storage Time
tSTG
--
2.7
4.5
µs
Fall Time
tf
--
0.16
0.3
µs
Notes: Pulsed duration ≤380µs, duty cycle ≤2%


Podobny numer części - TS13005RCKC0G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS13005 TSC-TS13005 Datasheet
69Kb / 3P
   High Voltage NPN Transistor
TS13005 TSC-TS13005 Datasheet
367Kb / 6P
   High Voltage NPN Transistor
TS13005 TSC-TS13005 Datasheet
254Kb / 6P
   High Voltage NPN Transistor
TS13005CI TSC-TS13005CI Datasheet
69Kb / 3P
   High Voltage NPN Transistor
TS13005CI TSC-TS13005CI Datasheet
367Kb / 6P
   High Voltage NPN Transistor
More results

Podobny opis - TS13005RCKC0G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com