Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19310BCX6RFG Arkusz danych(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19310BCX6RFG
Szczegółowy opis  Single-Stage PFC TRIAC Dimmable LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19310BCX6RFG Arkusz danych(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19310BCX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19310BCX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS19310A/B
Single-Stage PFC
TRIAC Dimmable LED Driver
6/8
Version: A14
Pin 3: Current Sense
MOSFET current signal sensing for multiply, phase angle decode and current limit setting function.
S
CS(Limit)
R
1.25
I
Where:
ICS is the input current sense
IC internal CS Pin 1.25V Over voltage level
RS is the sensing resistor connected between the MOSFET source and GND
Pin 4: Output
Gate drive for external MOSFET switch and has built-in gate clamp function.
Pin 5: VCC
Power supply for the controller during normal operation. The controller will start up when VCC reaches 18V (typical)
and will shut-down when VCC voltage is below 9.5V (typical). A decoupling capacitor should be connected
between the VCC and GND pin as close as possible.
The TS19310 performs VCC over voltage protection though VCC pin. Once VCC pin exceeds 32V, TS19310 turns
off and latches the MOSFET until VCC goes below VCC_OFF.
Pin 6: DMG
The Output voltage is reflected by the auxiliary winding (NA) voltage of Flyback transformer, the DMG pin can
sense output information to depart from start up voltage (VO_STR) and protection voltage (VO_OVP).
When DMG sense voltage under VO_STR, the circuit will work on short circuit protection, fSTR=1/tSTR.
When DMG sense voltage over VO_OVP, the circuit will work on over voltage protection, it will latch out off until VCC
goes below VCC_OFF.
Where:
● V
DMG_OVP is the output-over-voltage protection point
● V
OVPS is the over voltage protection signal
● V
O_STR is the start-up timer
● N
A is the number of auxiliary-winding turns
● N
S is the number of secondary-winding turns
OVP Protection (by DMG)
DMG2
DGM2
DGM1
OVPS
A
S
DMG_OVP
R
R
R
V
N
N
V
×
×
OVP Protection (by VCC)
OVPA
A
S
OVP
VCC
V
N
N
V
×
_
Short Circuit Protection
R
R
R
V
N
N
V
DMG2
DMG2
DMG1
STR
O
A
S
Short
O
×
×
_
_
RDMG2
NA
VCC
DMG
RDMG1
CDMG


Podobny numer części - TS19310BCX6RFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19320CS TSC-TS19320CS Datasheet
295Kb / 2P
   Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
   Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
TS1935B TSC-TS1935B Datasheet
375Kb / 8P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Podobny opis - TS19310BCX6RFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Dialog Semiconductor
IW3636 DIALOG-IW3636 Datasheet
432Kb / 6P
   Single-Stage LED Driver with PFC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com