Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS34063 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS34063
Szczegółowy opis  Dc to Dc Converter Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS34063_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34063_13 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS34063
Dc to Dc Converter Controller
5/10
Version: B13
Typical Application Circuit (Continue)
Test
Conditions
Results
Line Regulation
VIN= 15V~25V, Io= 500mA
12mV =
±12%
Load Regulation
VIN = 25V, Io= 50mA to 500mA 3mV =
±0.03%
Output Ripple
VIN =25V, Io= 500mA
120mVpp
Short Circuit Current
VIN =25V, RL= 0.1mΩ
1.1A
Efficiency
VIN =25V, Io= 500mA
83.7%
Output Ripple with Optional Filter
VIN =25V, Io= 500mA
40mVpp
Figure 9. Step Down Converter


Podobny numer części - TS34063_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063ACD TSC-TS34063ACD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063ACS TSC-TS34063ACS Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063CD TSC-TS34063CD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063CD TSC-TS34063CD Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
More results

Podobny opis - TS34063_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com