Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2246 Arkusz danych(PDF) 3 Page - LOGIC Devices Incorporated

Numer części LF2246
Szczegółowy opis  11 x 10-bit Image Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2246 Arkusz danych(HTML) 3 Page - LOGIC Devices Incorporated

  LF2246 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2246 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2246 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2246 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2246 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2246 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2246 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DEVICES INCORPORATED
LF2246
11 x 10-bit Image Filter
Video Imaging Products
08/16/2000–LDS.2246-K
2-13
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VOH
Output High Voltage
VCC = Min., IOH = –2.0 mA
2.4
V
VOL
Output Low Voltage
VCC = Min., IOL = 4.0 mA
0.4
V
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
(Note 3)
0.0
0.8
V
IIX
Input Current
Ground
≤ VIN ≤ VCC (Note 12)
±10
µA
IOZ
Output Leakage Current
(Note 12)
±40
µA
ICC1
VCC Current, Dynamic
(Notes 5, 6)
100
mA
ICC2
VCC Current, Quiescent
(Note 7)
6mA
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
10
pF
COUT
Output Capacitance
TA = 25°C, f = 1 MHz
10
pF
Storage temperature ........................................................................................................... –65°C to +150°C
Operating ambient temperature ........................................................................................... –55°C to +125°C
VCC supply voltage with respect to ground ............................................................................ –0.5 V to +7.0V
Input signal with respect to ground ............................................................................... –0.5 V to VCC + 0.5 V
Signal applied to high impedance output ...................................................................... –0.5 V to VCC + 0.5 V
Output current into low outputs ............................................................................................................. 25 mA
Latchup current ............................................................................................................................... > 400 mA
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8)
OPERATING CONDITIONS To meet specified electrical and switching characteristics
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
Mode
Temperature Range (Ambient)
Supply
Voltage
Active Operation, Commercial
0°C to +70°C
4.75 V
≤ VCC ≤ 5.25 V
Active Operation, Military
–55°C to +125°C
4.50 V
≤ VCC ≤ 5.50 V


Podobny numer części - LF2246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC25 LODEV-LF2242JC25 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC33 LODEV-LF2242JC33 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC25 LODEV-LF2242QC25 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC33 LODEV-LF2242QC33 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
More results

Podobny opis - LF2246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cadeka Microcircuits LL...
TMC2246A CADEKA-TMC2246A Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
Fairchild Semiconductor
TMC2246A FAIRCHILD-TMC2246A Datasheet
266Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Panasonic Semiconductor
AN8133FHQ PANASONIC-AN8133FHQ Datasheet
192Kb / 4P
   10-bit A/D Converter for Image-processing
logo
NEC
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
   5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com