Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2242QC25 Arkusz danych(PDF) 1 Page - LOGIC Devices Incorporated

Numer części LF2242QC25
Szczegółowy opis  12/16-bit Half-Band Interpolating/ Decimating Digital Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2242QC25 Arkusz danych(HTML) 1 Page - LOGIC Devices Incorporated

  LF2242QC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2242QC25 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DEVICES INCORPORATED
LF2242
12/16-bit Half-Band Interpolating/
Decimating Digital Filter
Video Imaging Products
1
08/16/2000–LDS.2242-K
LF2242
12/16-bit Half-Band Interpolating/
Decimating Digital Filter
DEVICES INCORPORATED
u
u
u
u
u 40 MHz Clock Rate
u
u
u
u
u Passband (0 to 0.22fS)
Ripple:
±0.02 dB
u
u
u
u
u Stopband (0.28fS to 0.5fS)
Rejection: 59.4 dB
u
u
u
u
u User-Selectable 2:1 Decimation or
1:2 Interpolation
u
u
u
u
u 12-bit Two’s Complement Input
and 16-bit Output with
User-Selectable Rounding, 8- to
16-Bits
u
u
u
u
u User-Selectable Two’s Complement
or Inverted Offset Binary Output
Formats
u
u
u
u
u Three-State Outputs
u
u
u
u
u Replaces TRW/ Raytheon/
Fairchild TMC2242
u
u
u
u
u Package Styles Available:
• 44-pin PLCC, J-Lead
• 44-pin PQFP
FEATURES
DESCRIPTION
The LF2242 is a linear-phase, half-
band (low pass) interpolating/
decimating digital filter that, unlike
intricate analog filters, requires no
tuning. The LF2242 can also signifi-
cantly reduce the complexity of
traditional analog anti-aliasing pre-
filters without compromising the
signal bandwidth or attenuation. This
can be achieved by using the LF2242
as a decimating post-filter with an
A/D converter and by sampling the
signal at twice the rate needed.
Likewise, by using the LF2242 as an
interpolating pre-filter with a D/A
converter, the corresponding analog
reconstruction post-filter circuitry can
be simplified.
The coefficients of the LF2242 are
fixed, and the only user programming
required is the selection of the mode
(interpolate, decimate, or pass-
through) and rounding. The asyn-
chronous three-state output enable
control simplifies interfacing to a bus.
Data can be input into the LF2242 at a
rate of up to 40 million samples per
second. Within the 40 MHz I/O limit,
the output sample rate can be one-
half, equal to, or two times the input
sample rate. Once data is clocked in,
the 55-value output response begins
after 7 clock cycles and ends after 61
clock cycles. The pipeline latency
from the input of an impulse response
to its corresponding output peak is 34
clock cycles.
The output data may be in either
two’s complement format or inverted
offset binary format. To avoid
truncation errors, the output data is
always internally rounded before it is
latched into the output register.
Rounding is user-selectable, and the
output data can be rounded from 16
bit values down to 8 bit values.
DC gain of the LF2242 is 1.0015
(0.0126 dB) in pass-through and
decimate modes and 0.5007 (–3.004
dB) in interpolate mode. Passband
ripple does not exceed
±0.02 dB from
0 to 0.22fS with stopband attenuation
greater than 59.4 dB from 0.28fS to
0.5fS (Nyquist frequency). The
response of the filter is –6 dB at 0.25fS.
Full compliance with CCIR Recom-
mendation 601 (–12 dB at 0.25fS) can
be achieved by cascading two devices
serially.
LF2242 BLOCK DIAGRAM
OE
TO ALL REGISTERS
SI11–0
INTERPOLATION
CIRCUIT
55-TAP
FIR
FILTER
ROUND
AND LIMIT
CIRCUIT
DECIMATION
CIRCUIT
16
3
3
RND2–0
TCO
SO15–0
3
3
SYNC
INT DEC
CLK
16
12
12


Podobny numer części - LF2242QC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
LF2246QC15 LODEV-LF2246QC15 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
LF2246QC25 LODEV-LF2246QC25 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
LF2247 LODEV-LF2247 Datasheet
259Kb / 10P
   Image Filter with Coefficient RAM
LF2247JC15 LODEV-LF2247JC15 Datasheet
259Kb / 10P
   Image Filter with Coefficient RAM
More results

Podobny opis - LF2242QC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com