Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2247QC15 Arkusz danych(PDF) 3 Page - LOGIC Devices Incorporated

Numer części LF2247QC15
Szczegółowy opis  Image Filter with Coefficient RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2247QC15 Arkusz danych(HTML) 3 Page - LOGIC Devices Incorporated

  LF2247QC15 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2247QC15 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DEVICES INCORPORATED
Video Imaging Products
3
LF2247
Image Filter with Coefficient RAM
1
2
3
4
5
6
7
8
9
10
11
08/16/2000–LDS.2247-H
the DN register on the rising edge of
CLK. When ENBN is HIGH, data on
DN9-0 is not latched into the DN
register and the register contents will
not be changed.
ENBA — Row Address Input Enable
The ENBA input allows the row
address register to be updated on each
clock cycle. When ENBA is LOW,
data on A4-0 is latched into the row
address register on the rising edge of
CLK. When ENBA is HIGH, data on
A4-0 is not latched into the row
address register and the register
contents will not be changed.
OEN — Output Enable
When OEN is LOW, S15-0 is enabled
for output. When OEN is HIGH, S15-0
is placed in a high-impedance state.
OCEN — Clock Enable
When OCEN is LOW, data in the pre-
mux register (accumulator output) is
loaded into the output register on the
next rising edge of CLK. When OCEN
is HIGH, data in the pre-mux register
is held preventing the output
register’s contents from changing (if
FSEL does not change). Accumulation
continues internally as long as ACC is
HIGH, despite the state of OCEN.
FSEL — Format Select
When FSEL is LOW, the data input
during the current clock cycle is
assumed to be in fractional two’s
complement format, and the upper 16
bits of the accumulator are presented
at the output. Rounding of the
accumulator result to 16 bits is per-
formed if the accumulator control
input ACC is LOW. When FSEL is
HIGH, the data input is assumed to be
in integer two’s complement format,
and the lower 16 bits of the accumula-
tor are presented at the output. No
rounding is performed when FSEL is
HIGH.
ACC — Accumulator Control
The ACC input determines whether
internal accumulation is performed on
the data input during the current
clock cycle. If ACC is LOW, no
accumulation is performed, the prior
accumulated sum is cleared, and the
current sum of products is output. If
FSEL is also LOW, one-half LSB
rounding to 16 bits is performed on
the result. When ACC is HIGH, the
emerging product is added to the sum
of the previous products, without
additional rounding.
SEN — Serial Input Enable
The SEN input enables the shifting of
serial data through the registers in the
coefficient register file. When SEN is
LOW, serial data on SDIN is shifted
into the coefficient register file on the
rising edge of SCLK. SEN must
remain LOW until all four coefficients
have been clocked in. SEN does not
need to be pulsed between consecu-
tive data sets. It can remain LOW
while the entire register file is loaded
by a constant bit stream. When SEN is
HIGH, data can not be shifted into the
register file and the register file’s
contents will not be changed. When
enabling the coefficient register file for
serial data input, the LF2247 requires
a HIGH to LOW transition of SEN in
order to function properly. Therefore,
SEN needs to be set HIGH immedi-
ately after power up to ensure proper
operation of the serial input circuitry.
FIGURE 2.
SERIAL DATA FORMAT
23
15 6
48 9
711 12
10
13
15 16
14
18 19
17
21 22
20
24 25
23
27 28
26
29
31 32
30
34 35
33
37 38
36
40 41
39
43 44
42
45
47 48
46
50 51
49
53 54
52
56 57
55
59 60
58
61
63 64
62
00
00 1
11 1
11 0
11
0 0
1X X
XX 0
X0 1
00 0
01
0 0
1
XX
XX 0
X1 1
01 0
00
0 0
1X X
XX 1
X1 1
11 0
10
0 0
1
FIRST 16-BIT WORD
SECOND 16-BIT WORD
THIRD 16-BIT WORD
FOURTH 16-BIT WORD
ROW
ADDRESS
DATA FOR
COEFFICIENT REGISTER 4
DON'T
CARES
DATA FOR
COEFFICIENT REGISTER 3
DON'T
CARES
DATA FOR
COEFFICIENT REGISTER 2
DON'T
CARES
DATA FOR
COEFFICIENT REGISTER 1
SHOWN IS SERIAL DATA STREAM TO LOAD ROW ADDRESS 2 WITH:
COEFFICIENT REGISTER 1 = 7E4
COEFFICIENT REGISTER 2 = 1A4
COEFFICIENT REGISTER 3 = 08C
COEFFICIENT REGISTER 4 = 7EC


Podobny numer części - LF2247QC15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC25 LODEV-LF2242JC25 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC33 LODEV-LF2242JC33 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC25 LODEV-LF2242QC25 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC33 LODEV-LF2242QC33 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
More results

Podobny opis - LF2247QC15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF3347 LODEV-LF3347 Datasheet
80Kb / 10P
   High-Speed Image Filter with Coefficient RAM
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
   CMOS Image Sensor with Image Signal Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com