Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2250QC25 Arkusz danych(PDF) 10 Page - LOGIC Devices Incorporated

Numer części LF2250QC25
Szczegółowy opis  12 x 10-bit Matrix Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2250QC25 Arkusz danych(HTML) 10 Page - LOGIC Devices Incorporated

Back Button LF2250QC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 12Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 13Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 14Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DEVICES INCORPORATED
LF2250
12 x 10-bit Matrix Multiplier
Video Imaging Products
08/16/2000–LDS.2250-L
10
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
12345678901234567890123456789012123
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
123456789012345678
SWITCHING CHARACTERISTICS
LF2250–
33*
25*
Symbol
Parameter
Min
Max
Min
Max
tCYC
Cycle Time
33
25
tPWL
Clock Pulse Width Low
15
10
tPWH
Clock Pulse Width High
10
10
tS
Input Setup Time
12
9
tH
Input Hold Time
2
2
tD
Output Delay
25
20
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
LF2250–
33*
25
20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
33
25
20
tPWL
Clock Pulse Width Low
15
10
6
tPWH
Clock Pulse Width High
10
10
8
tS
Input Setup Time
8
6
6
tH
Input Hold Time
0
0
0
tD
Output Delay
18
16
15
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE


Podobny numer części - LF2250QC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF225RW MPD-LF225RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
LF225RW MPD-LF225RW Datasheet
268Kb / 2P
   LF200RW SERIES
More results

Podobny opis - LF2250QC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com